PART |
Description |
Maker |
TL1240BQ1JWHT TL1240RQ1JWHT TL1240GQ1JWHT TL1240YQ |
TACT SWITCHES ILLUMINATED KEYPAD SWITCH, SPST, MOMENTARY-TACTILE, 0.05A, 12VDC, 2.06 N, THROUGH HOLE-STRAIGHT
|
E-SWITCH
|
LL-1105-K-F100-Q TL-1105-K-F100-Q TLE-1105-K-F100- |
KEYPAD SWITCH, SPST, MOMENTARY-TACTILE, 0.05A, 12VDC, 1.47 N, THROUGH HOLE-RIGHT ANGLE KEYPAD SWITCH, SPST, MOMENTARY-TACTILE, 0.05A, 50VDC, 2.06 N, THROUGH HOLE-RIGHT ANGLE SERIES TL1105 SWITCHES TACT SWITCHES - 6mm x 6mm TACT SWITCHES - 6mm x 6mm SERIES TL1105 SWITCHES TACT SWITCHES - 6mm x 6mm
|
http:// E-SWITCH List of Unclassifed Manufacturers ETC
|
M801-3120300R M801-3110300R |
Tact Switch, SMT, 7mm high, 260g Vertical force, red KEYPAD SWITCH, SPST, MOMENTARY-TACTILE, 0.05A, 12VDC, 3.04 N, SURFACE MOUNT-STRAIGHT Tact Switch, SMT, 7mm high, 160g Vertical force, brown
|
Harwin PLC HARWIN INC
|
KSC521JROHS KSC541G KSC521G KSC541JROHS KSC51JROHS |
Tact Switch with Rocker Option for SMT KEYPAD SWITCH, SPST, MOMENTARY-TACTILE, 0.05A, 32VDC, 3.75 N, SURFACE MOUNT-STRAIGHT
|
C&K Components C & K COMPONENTS INC
|
KT11SM34LFS KT1B034LFS KT1SM34LFS KT11B1SAM35LFS K |
Right Angle Sealed Tact Switch for SMT KEYPAD SWITCH, SPST, MOMENTARY-TACTILE, 0.031A, 32VDC, SURFACE MOUNT-RIGHT ANGLE KEYPAD SWITCH, SPST, MOMENTARY-TACTILE, 0.031A, 32VDC, SURFACE MOUNT-STRAIGHT
|
C&K Components C & K COMPONENTS INC
|
ESB92S21B ESB92S81B |
PUSHBUTTON SWITCH, SPST, MOMENTARY, THROUGH HOLE-RIGHT ANGLE PUSHBUTTON SWITCH, SPST, MOMENTARY, PANEL MOUNT
|
PANASONIC CORP
|
FTR-K1TAK018T FTR-K1TJK018T FTR-K1TAK024T FTR-K1TJ |
POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.008A (COIL), 48VDC (COIL), 430mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.014A (COIL), 28VDC (COIL), 400mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.022A (COIL), 18VDC (COIL), 400mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.033A (COIL), 12VDC (COIL), 400mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.009A (COIL), 48VDC (COIL), 430mW (COIL), 12A (CONTACT), 300VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER RELAY 1 POLE - 17A Tab Terminal
|
FUJITSU COMPONENT LTD Fujitsu Component Limited.
|
SDTA-620-K SDTX-644-RAP SDTA-644-S SDTA-230-R |
Switches 12volt 50mA 6mm Right Angle KEYPAD SWITCH, SPST, MOMENTARY-TACTILE, 0.05A, 12VDC, 1.47 N, THROUGH HOLE-RIGHT ANGLE KEYPAD SWITCH, SPST, MOMENTARY-TACTILE, 0.05A, 12VDC, 3.04 N, THROUGH HOLE-STRAIGHT KEYPAD SWITCH, SPST, MOMENTARY-TACTILE, 0.05A, 12VDC, 3.14 N, THROUGH HOLE-RIGHT ANGLE KEYPAD SWITCH, SPST, MOMENTARY-TACTILE, 0.05A, 12VDC, 3.04 N, THROUGH HOLE-RIGHT ANGLE
|
Bourns, Inc. BOURNS INC
|
1241.1104.7093 1241.1102.6091 1241.1104.7091 |
Touch Key, Switch, Contact Resistance 100To 115 Milliohms, Number of Mechanical Ops. 1000000 Ops KEYPAD SWITCH, SPST, MOMENTARY-TACTILE, 0.125A, 48VDC, 4 N, PANEL MOUNT KEYPAD SWITCH, SPST, MOMENTARY-TACTILE, 0.08A, 24VDC, 4 N, PANEL MOUNT
|
SCHURTER AG SCHURTER INC
|
SL2220005 |
SWITCH,PB,TACT,SPST,OFF-(ON) PCB,15VDC/20mA 电路保护热敏电阻
|
Ametherm, Inc.
|
HE2AN-S-DC6V HE2AN-SW-DC12C HE1AN-SW-DC12C HE1AN-P |
POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.321A (COIL), 6VDC (COIL), 1920mW (COIL), 30A (CONTACT), 30VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.04A (COIL), 48VDC (COIL), 1920mW (COIL), 30A (CONTACT), 30VDC (CONTACT), PANEL MOUNT TV-15, 30 AMP (1 Form A) Power Relay POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.018A (COIL), 100VDC (COIL), 1920mW (COIL), 30A (CONTACT), 30VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.08A (COIL), 24VDC (COIL), 1920mW (COIL), 30A (CONTACT), 30VDC (CONTACT), PANEL MOUNT From old datasheet system
|
Amphenol, Corp. Panasonic, Corp. PANASONIC ELECTRIC WORKS CORP OF AMERICA
|
AV9SLD2023002K AV091003C202A0 AV091003C902A0 |
PUSHBUTTON SWITCH, SPST, MOMENTARY-TACTILE, 0.05A, 24VDC, PANEL MOUNT-THREADED PUSHBUTTON SWITCH, SPST, MOMENTARY-TACTILE, 2A, 48VDC, PANEL MOUNT-THREADED
|
|
|